Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4957G-S08-R Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UT4957G-S08-R
Description  Dual P-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UT4957G-S08-R Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UT4957G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4957G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4957G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4957G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
This
P-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=-30V,ID=-7A,RDS(ON)<20mΩ@VGS=-10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-TC=25℃
-7
A
Continuous Drain Current-TC=100℃
-5.1
Pulsed Drain Current
1
-32
EAS
Single Pulse Avalanche Energy
---
mJ
PD
Power Dissipation(TC=25℃)
2.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
---
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
60
G
D
D
D
D
S1
S
S
Dual
UT4957G-S08-R


Similar Part No. - UT4957G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4957G-S08-R UTC-UT4957G-S08-R Datasheet
200Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT4957G-S08-R UTC-UT4957G-S08-R Datasheet
211Kb / 4P
P-CHANNEL ENHANCEMENT MOSFET
More results

Similar Description - UT4957G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AO4805 DOINGTER-AO4805 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
AP4957GM DOINGTER-AP4957GM Datasheet
544Kb / 4P
Dual P-Channel MOSFET uses advanced trench technology
HAT1016R DOINGTER-HAT1016R Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
SPP4925B DOINGTER-SPP4925B Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
SPP4953 DOINGTER-SPP4953 Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
SSG4935P DOINGTER-SSG4935P Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
STM4953 DOINGTER-STM4953 Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
STM4973 DOINGTER-STM4973 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
STS4DPF30L DOINGTER-STS4DPF30L Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
UM3203 DOINGTER-UM3203 Datasheet
1Mb / 4P
Dual P-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com