Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # BAS516
Description  Switching Diodes Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

BAS516 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  BAS516 Datasheet HTML 1Page - Toshiba Semiconductor BAS516 Datasheet HTML 2Page - Toshiba Semiconductor BAS516 Datasheet HTML 3Page - Toshiba Semiconductor BAS516 Datasheet HTML 4Page - Toshiba Semiconductor BAS516 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS516
1
Switching Diodes Silicon Epitaxial Planar
BAS516
BAS516
BAS516
BAS516
Start of commercial production
2016-08
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Ultra-High-Speed Switching
2.
2.
2.
2. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
ESC
1: Cathode
2: Anode
3.
3.
3.
3. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Reverse voltage
Peak forward current
Average rectified current
Non-repetitive peak forward surge current
Power dissipation
Junction temperature
Storage temperature
Symbol
VRM
VR
IFM
IO
IFSM
PD
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
100
100
500
250
1
150
150
-55 to 150
Unit
V
mA
A
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Measured with a 10 ms pulse.
Note 2: Mounted on an FR4 board (20 mm × 20 mm, Cu pad: 4 mm × 4 mm)
2016-10-20
Rev.1.0
©2016 Toshiba Corporation


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
logo
Toshiba Semiconductor
TBAV99 TOSHIBA-TBAV99 Datasheet
178Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS427 TOSHIBA-1SS427_14 Datasheet
196Kb / 7P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
BAV70 TOSHIBA-BAV70 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99 TOSHIBA-BAV99 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99W TOSHIBA-BAV99W Datasheet
249Kb / 6P
Switching Diodes Silicon Epitaxial Planar
TBAV70 TOSHIBA-TBAV70 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
TBAW56 TOSHIBA-TBAW56 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com