Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF02A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMF02A
Description  Fast Recovery Diode (FRD) Silicon Diffused Junction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMF02A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMF02A Datasheet HTML 1Page - Toshiba Semiconductor CMF02A Datasheet HTML 2Page - Toshiba Semiconductor CMF02A Datasheet HTML 3Page - Toshiba Semiconductor CMF02A Datasheet HTML 4Page - Toshiba Semiconductor CMF02A Datasheet HTML 5Page - Toshiba Semiconductor CMF02A Datasheet HTML 6Page - Toshiba Semiconductor CMF02A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CMF02A
2
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-ambient)
Thermal resistance (junction-to-lead)
Symbol
Rth(j-a)
Rth(j-ℓ)
Test Condition
Device mounted on a ceramic board
Board size: 50 mm × 50 mm
Soldering land size: 2 mm × 2 mm
Board thickness: 0.64 mm
Device mounted on a glass-epoxy board
Board size: 50 mm × 50 mm
Soldering land size: 6 mm × 6 mm
Board thickness: 1.6 mm
Max
60
125
16
Unit
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Peak forward voltage
Repetitive peak reverse current
Reverse recovery time
Symbol
VFM
IRRM
trr
Test Condition
IFM = 0.1 A (pulse measurement)
IFM = 0.7 A (pulse measurement)
IFM = 1.0 A (pulse measurement)
VRRM = 600 V (pulse measurement)
IF = 1.0 A, di/dt = -30 A/µs
Min
Typ.
0.9
1.4
1.5
Max
2.0
50
100
Unit
V
µA
ns
7.
7.
7.
7. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Marking Code
F2A
Part Number
CMF02A
8.
8.
8.
8. Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Land Pattern Dimensions (for reference only)
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
2020-04-01
Rev.1.0
©2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com