Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WJT-2AB-D/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WJT-2AB-D/Q
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJT-2AB-D/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WJT-2AB-D/Q Datasheet HTML 1Page - M-System Co.,Ltd. WJT-2AB-D/Q Datasheet HTML 2Page - M-System Co.,Ltd. WJT-2AB-D/Q Datasheet HTML 3Page - M-System Co.,Ltd. WJT-2AB-D/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: WJT
WJT SPECIFICATIONS
ES-2263 Rev.8 Page 4/4
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
CJC SENSOR
(model: CJM)
5
4
6
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
Low Drift
Amplifier
Digital
Computation
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
+
–
T / C
CJC
SENSOR
metal leg
model: CJM
comp. leadwire
5
4
6
+
–
3
Burnout
U(+)
V(–)
POWER
7
8
+
–
OUTPUT 1
1
2
+
–
10
11
Isolation
S
Z
Output
Driver
S
Z
Output
Driver
OUTPUT 2
9
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com