Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5RS-12Y-R2/BL Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W5RS-12Y-R2/BL
Description  Terminal Block Dual Output Signal Conditioners W5-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W5RS-12Y-R2/BL Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W5RS-12Y-R2/BL Datasheet HTML 1Page - M-System Co.,Ltd. W5RS-12Y-R2/BL Datasheet HTML 2Page - M-System Co.,Ltd. W5RS-12Y-R2/BL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: W5RS
W5RS SPECIFICATIONS
ES-8509 Rev.9 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
4
3
2
1
11
10
9
8
7
6
45 (1.77)
41 (1.61)
[3.3 (.13)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide
5–M3.5 SCREW
7.4 (.29)
6–M3 SCREW
6 (.24)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A
B
B
2
1
5
4
RTD
3
S
Z
Voltage
Amplifier
Burnout
Linearizer
Constant
Current
Differential
Amplifier
+
–
Reference
Resistor
U(+)
V(–)
POWER
10
11
+
–
OUTPUT 1
+
–
Isolation
Output
Driver
S
Z
Output
Driver
OUTPUT 2
6
7
8
9
Note 1: The section enclosed by broken line is only with 2nd output option.
Note 2: DO NOT connect to the terminals 1 – 2.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com