Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTA10R220HG-S08-R Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UTA10R220HG-S08-R
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UTA10R220HG-S08-R Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UTA10R220HG-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UTA10R220HG-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UTA10R220HG-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UTA10R220HG-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.doingter.cn
—
3 —
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=8A
---
---
1.3
V
LS
Continuous Source Current
---
---
32
A
LSp
Pulsed Source Current
---
---
1.3
Trr
Reverse Recovery Time
---
50.2
---
NS
Qrr
Reverse Recovery Charge
---
95.1
---
BC
Notes:
Typical Characteristics: (T
C=25℃ unless otherwise noted)
IS=8 A,
di/dt=100 A/μs
VGS<Vth
1)
Calculated continuous current based on maximum allowable junction temperature.
2)
Repetitive rating; pulse width limited by max. junction temperature.
3)
Pd is based on max. junction temperature, using junction-case thermal resistance.
4)
The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with Ta=25 ℃.
5)
VDD=50 V, RG=25 Ω, L=0.3 mH, starting Tj=25 ℃.
UTA10R220HG-S08-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com