Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V10PWM10HM3/I Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V10PWM10HM3/I
Description  High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.48 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10PWM10HM3/I Datasheet(HTML) 1 Page - Vishay Siliconix

  V10PWM10HM3/I Datasheet HTML 1Page - Vishay Siliconix V10PWM10HM3/I Datasheet HTML 2Page - Vishay Siliconix V10PWM10HM3/I Datasheet HTML 3Page - Vishay Siliconix V10PWM10HM3/I Datasheet HTML 4Page - Vishay Siliconix V10PWM10HM3/I Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V10PWM10
www.vishay.com
Vishay General Semiconductor
Revision: 04-Mar-2021
1
Document Number: 98184
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface-Mount
TMBS® (Trench MOS Barrier Schottky) Rectifier
Ultra Low VF = 0.48 V at IF = 5 A
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Very low profile - typical height of 1.3 mm
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage high frequency DC/DC converters,
freewheeling diodes, and polarity protection applications.
MECHANICAL DATA
Case: SlimDPAK (TO-252AE)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Notes
(1) With infinite heatsink
(2) The heat generated must be less than the thermal conductivity from junction to ambient: dPD/dTJ < 1/RθJA
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
100 V
IFSM
180 A
VF at IF = 10 A (TJ = 125 °C)
0.58 V
TJ max.
175 °C
Package
SlimDPAK (TO-252AE)
Circuit configuration
Single
SlimDPAK (TO-252AE)
eSMP® Series
1
2
K
PIN 1
K
HEATSINK
PIN 2
333
DDD3 D
3D Models
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10PWM10
UNIT
Device marking code
V10PWM10
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (Fig. 1)
IF(AV) (1)
10
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
180
A
Operating junction temperature range
TJ (2)
-40 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C


Similar Part No. - V10PWM10HM3/I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10PWM12 VISHAY-V10PWM12 Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.51 V at IF = 5 A
04-Mar-2021
V10PWM12-M3/I VISHAY-V10PWM12-M3/I Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.51 V at IF = 5 A
04-Mar-2021
V10PWM12HM3/I VISHAY-V10PWM12HM3/I Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.51 V at IF = 5 A
04-Mar-2021
V10PWM153 VISHAY-V10PWM153 Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.54 V at IF = 5 A
29-Jan-2021
V10PWM153-M3/I VISHAY-V10PWM153-M3/I Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.54 V at IF = 5 A
29-Jan-2021
More results

Similar Description - V10PWM10HM3/I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
04-May-15
V35PW12 VISHAY-V35PW12 Datasheet
122Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
01-Jun-17
V35PW15 VISHAY-V35PW15 Datasheet
122Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
01-Jun-17
V35PWM15 VISHAY-V35PWM15 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
V35PWM45 VISHAY-V35PWM45 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
01-Jun-17
V35PWM60 VISHAY-V35PWM60 Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
01-Jun-17
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
01-Jun-17
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
01-Jun-17
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
01-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com