Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V10PWM153HM3/I Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V10PWM153HM3/I
Description  High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.54 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10PWM153HM3/I Datasheet(HTML) 4 Page - Vishay Siliconix

  V10PWM153HM3/I Datasheet HTML 1Page - Vishay Siliconix V10PWM153HM3/I Datasheet HTML 2Page - Vishay Siliconix V10PWM153HM3/I Datasheet HTML 3Page - Vishay Siliconix V10PWM153HM3/I Datasheet HTML 4Page - Vishay Siliconix V10PWM153HM3/I Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V10PWM153
www.vishay.com
Vishay General Semiconductor
Revision: 29-Jan-2021
4
Document Number: 98166
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Resistance Junction to Ambient vs. Copper Pad Areas
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
10
100
1000
10000
0
10
20
30
40
50
60
70
80
0123456789
10
Axis Title
Copper Pad Areas (cm2)
S (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 µm
(9.40)
(8.60)
0.370
0.339
(6.72)
(6.48)
0.265
0.255
(6.32)
(6.08)
0.249
0.239
(0.70)
(0.30)
0.028
0.012
(0.41)
(0.25)
0.016
0.010
(1.40)
(1.20)
(0.20)
(0.00)
0.008
0.000
(1.40)
(1.00)
0.055
0.039
(5.70)
(5.30)
0.224
0.209
MIN.
0.240
(6.10)
MIN.
0.235
(5.97)
REF.
0.386
(9.80)
MIN.
0.075
(1.90)
MIN.
0.055
(1.40)
NOM.
0.090
(2.29)
0.055
0.047
0.090
(2.29)
NOM.
0.180
(4.57)
NOM.
(0.90)
(0.70)
0.035
0.028
NOM.
0.205
(5.20)
Mounting Pad Layout
SlimDPAK (TO-252AE)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com