Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRAZ-SS-112DMZ Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRAZ-SS-112DMZ
Description  TELECOMMUNICATION RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRAZ-SS-112DMZ Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRAZ-SS-112DMZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRAZ-SS-112DMZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
▓PART NUMBER SYSTEM
ETR
AZ - SS - 1
12
D
M
Z
Z: RoHS Compliant
Contact Form:
Nil: One Form C
M: One Form A
Coil Type:
D: Standard DC Coil
L: High Sensitivity DC Coil
Coil Voltage:
03:3V, 05:5V, 06:6V
09:9V, 12:12V, 24:24V
Number of Pole:
1: One Pole
Type of Sealing:
SS: Flow Solder Type
SH: Plastic Sealed Type
Model Name: AZ
Series Name: ETR
*Marking without: “ETR” & “Z”.
▓DIMENSIONS (≦5mm±0.2mm, >5mm±0.3mm, the tolerance of PCB thru hole: +0.1mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com