Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRAZ-SS-124DMZ Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRAZ-SS-124DMZ
Description  TELECOMMUNICATION RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRAZ-SS-124DMZ Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRAZ-SS-124DMZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRAZ-SS-124DMZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
TELECOMMUNICATION RELAY
ETR AZ SERIES
▓FEATURES
High reliability in dry circuit condition.
2.54mm terminal pitch employment equivalent to I.C. Terminal.
Two types of coil sensitivity for design flexibility.
IC compatibility due to its low power consumption.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @100mA,6VDC
Contact Capacity
1 Amps at 120VAC Cosφ=1
1 Amps at 24VDC L/R=0
Operate Time
5m Sec. Max. (D Type)
10m Sec. Max. (L Type)
Release Time
4m Sec. Max.
Dielectric Strength
Between coil & Contact: 500VAC at 50/60Hz for one minute
Between Contacts: 500VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
℃
℃
℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
3
150
20
5
89
56
6
75
80
9
50
180
12
37.5
320
AZ-D
24
18.8
1,280
Abt. 0.45
70%
Max.
5%
Min.
130%
3
66.7
45
5
40
125
6
33.3
180
9
22.5
400
12
17
700
AZ-L
24
8.6
2,800
Abt. 0.20
75%
Max.
5%
Min.
130%


Similar Part No. - ETRAZ-SS-124DMZ

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRAR ECE-ETRAR Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
ETRAR-SH-106DMZ ECE-ETRAR-SH-106DMZ Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
ETRAR-SH-109DMZ ECE-ETRAR-SH-109DMZ Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
ETRAR-SH-112D ECE-ETRAR-SH-112D Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
ETRAR-SH-112DMZ ECE-ETRAR-SH-112DMZ Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
More results

Similar Description - ETRAZ-SS-124DMZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP630 TOSHIBA-TLP630 Datasheet
792Kb / 9P
Telecommunication
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
TELECOMMUNICATION PROTECTION
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
Central Technologies
ISDNSINTRFCE CT-ISDNSINTRFCE Datasheet
455Kb / 2P
Telecommunication Components
T1 CT-T1 Datasheet
491Kb / 2P
Telecommunication Components
T1-CEPT-ISDN-PRI-DIP CT-T1-CEPT-ISDN-PRI-DIP Datasheet
452Kb / 2P
Telecommunication Components
logo
Power System Technology
FAB0511001 PST-FAB0511001 Datasheet
246Kb / 3P
Telecommunication
logo
EXCEL CELL ELECTRONIC C...
ETRST ECE-ETRST Datasheet
103Kb / 2P
TELECOMMUNICATION RELAY
ETRUA ECE-ETRUA Datasheet
90Kb / 2P
TELECOMMUNICATION RELAY
ETRGS ECE-ETRGS Datasheet
96Kb / 3P
TELECOMMUNICATION RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com