Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRGL Datasheet(PDF) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRGL
Description  HOME APPLICATION RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRGL Datasheet(HTML) 2 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRGL Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
▓PART NUMBER SYSTEM
ETR
GL - S - 1
12
D
M
P
F
C
Z
Z: RoHS Compliant
Internal Form:
Nil: PC Board
C: PC Board+Capacitor
for AC model
Case Type:
Nil: Standard Square Shape
F: Flanged Case
Terminal Type:
Nil: Plug-inTerminal
P: PC Board Terminal
Contact Form:
M: One Form A
Coil Type:
D: Standard DC Coil
A: Standard AC Coil
Coil Voltage:
DCV: 06: 6V, 09: 9V, 12: 12V, 24: 24V
48: 48V, 60: 60V, 100: 100V, 110: 110V
ACV: 12:12V, 24: 24V, 48: 48V, 110: 100~120V,
220: 200~240V
Number of Pole:
1: One Pole
2: Two Poles
Type of Sealing:
S: Hand Solder Type
Model Name: GL
Series Name: ETR
*Marking without: “ETR” & “Z”.
ETR GL-S-112DMF
ETR GL-S-212DM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com