Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB5AP21 Datasheet(PDF) 2 Page - Schneider Electric

Part # XB5AP21
Description  Push button, plastic, projecting, black, 횠22, spring return, booted, unmarked, 1 NO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB5AP21 Datasheet(HTML) 2 Page - Schneider Electric

  XB5AP21 Datasheet HTML 1Page - Schneider Electric XB5AP21 Datasheet HTML 2Page - Schneider Electric XB5AP21 Datasheet HTML 3Page - Schneider Electric XB5AP21 Datasheet HTML 4Page - Schneider Electric XB5AP21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Positive opening
Without
Operating travel
2.6 mm (NO changing electrical state)
4.3 mm (total travel)
Operating force
3.8 N NO changing electrical state
Mechanical durability
10000000 cycles
Tightening torque
0.8…1.2 N.m conforming to EN 60947-1
Shape of screw head
Cross compatible with Philips no 1 screwdriver
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
Contacts material
Silver alloy (Ag/Ni)
Short-circuit protection
10 A cartridge fuse type gG conforming to EN/IEC 60947-5-1
[Ith] conventional free air thermal
current
10 A conforming to EN/IEC 60947-5-1
[Ui] rated insulation voltage
600 V (pollution degree 3) conforming to EN/IEC 60947-1
[Uimp] rated impulse withstand voltage
6 kV EN/IEC 60947-1
[Ie] rated operational current
3 A at 240 V, AC-15, A600 conforming to EN/IEC 60947-5-1
6 A at 120 V, AC-15, A600 conforming to EN/IEC 60947-5-1
0.1 A at 600 V, DC-13, Q600 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q600 conforming to EN/IEC 60947-5-1
0.55 A at 125 V, DC-13, Q600 conforming to EN/IEC 60947-5-1
1.2 A at 600 V, AC-15, A600 conforming to EN/IEC 60947-5-1
Electrical durability
1000000 cycles AC-15, 2 A at 230 V, operating rate <3600 cyc/h, load factor: 0.5 conforming to EN/
IEC 60947-5-1: appendix C
1000000 cycles AC-15, 3 A at 120 V, operating rate <3600 cyc/h, load factor: 0.5 conforming to EN/
IEC 60947-5-1: appendix C
1000000 cycles AC-15, 4 A at 24 V, operating rate <3600 cyc/h, load factor: 0.5 conforming to EN/
IEC 60947-5-1: appendix C
1000000 cycles DC-13, 0.2 A at 110 V, operating rate <3600 cyc/h, load factor: 0.5 conforming to
EN/IEC 60947-5-1: appendix C
1000000 cycles DC-13, 0.5 A at 24 V, operating rate <3600 cyc/h, load factor: 0.5 conforming to EN/
IEC 60947-5-1: appendix C
Electrical reliability
Λ < 10exp(-6) at 5 V and 1 mA in clean environment conforming to EN/IEC 60947-5-4
Λ < 10exp(-8) at 17 V and 5 mA in clean environment conforming to EN/IEC 60947-5-4
Device presentation
Complete product
Customizable
Yes
GCR BRIDGE
XB5APCUST01
Compatibility code
XB5
Environment
Protective treatment
TH
Ambient air temperature for storage
-40…70 °C
Ambient air temperature for operation
-40…70 °C
Overvoltage category
Class II conforming to IEC 60536
IP degree of protection
IP66 conforming to IEC 60529
IP67
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK03 conforming to IEC 50102
Standards
UL 508
EN/IEC 60947-1
JIS C8201-5-1
EN/IEC 60947-5-4
CSA C22.2 No 14
EN/IEC 60947-5-1
JIS C8201-1
Product certifications
BV
CSA
LROS (Lloyds register of shipping)
DNV
RINA
GL
UL listed
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com