Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KMS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18KMS
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KMS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18KMS Datasheet HTML 1Page - M-System Co.,Ltd. 18KMS Datasheet HTML 2Page - M-System Co.,Ltd. 18KMS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 18KMS
18KMS SPECIFICATIONS
ES-0416 Rev.1 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
2
3
1
3
2
1
Potentiometer
max.
min.
+
*
5
6
S
Z
4
7
8
S
Z
Voltage
Duty Cycle
1
2
3
Excitation Volt.
Generator
Isolation
Output
Driver
Output
Driver
Low Drift
Amplifier
OUTPUT 2
OUTPUT 1
POWER
OUTPUT 2
+
Section A. Field Terminals
* With power switch only
Use either of module or external field terminals.
Module
Field Terminals
(Section A)
External
Field Terminals
(Section A)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com