Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KPP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KPP
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KPP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KPP Datasheet HTML 1Page - M-System Co.,Ltd. 18KPP Datasheet HTML 2Page - M-System Co.,Ltd. 18KPP Datasheet HTML 3Page - M-System Co.,Ltd. 18KPP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 18KPP
18KPP SPECIFICATIONS
ES-0461 Rev.1 Page 1/4
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
PULSE ISOLATOR
Functions & Features
• output frequency = input frequency
• Built-in sensor power supply type
• Module can be retracted without removing wiring for an
insulation test
• Optional power switch
MODEL: 18KPP–[1]22–R[2]
ORDERING INFORMATION
• Code number: 18KPP-[1]22-R[2]
Specify a code from below for each [1] and [2].
(e.g. 18KPP-322-R/S)
• Input Pulse (e.g. 0 - 1000 Hz)
[1] INPUT
1: Mechanical contact (max. 5 Hz)
2: Open collector (max. 10 kHz)
3: Voltage pulse (max. 10 kHz)
4: Two-wire current pulse, receiving resistor 200 Ω
(max. 10 kHz)
5: Two-wire current pulse, receiving resistor 510 Ω
(max. 10 kHz)
6: Two-wire current pulse, receiving resistor 1 kΩ
(max. 10 kHz)
OUTPUT 1
2: Open collector (max. 10 kHz)
OUTPUT 2
2: Open collector (max. 10 kHz)
(Output 1 and 2 frequency is equal)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
Power Switch
blank: None
/S: With power switch
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
and connector
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Frequency range: Input and output are the same.
Chattering protection: Filter provided for mechanical
contact input
INPUT SPECIFICATIONS
Excitation: 12 V DC ±10 % @ 40 mA; shortcircuit protection
■ Open Collector
Input pulse sensing: DC coupled
Pulse width time requirement: ≥ 20 μsec. for ON and OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 5 V for ON, ≥ 100 kΩ / 7 V for OFF
■ Mechanical Contact
Input pulse sensing: DC coupled
Pulse width time requirement: ≥ 20 msec. for ON and OFF
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 200 Ω / 5 V for ON, ≥ 100 kΩ / 7 V for OFF
Time constant: 10 msec. (able to cancel it by changing
jumper, J6)
■ Voltage Pulse: Square or sine waveform
Input pulse sensing: AC coupled
Input impedance: ≥ 10 kΩ
(Refer the graph and tables below for waveform, detection
level range, the minimum amplitude, pulse width (duty
ratio) and frequency requirements)


Similar Part No. - 18KPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KPR MSYSTEM-18KPR Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPR-11-R MSYSTEM-18KPR-11-R Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPR-11-R/S MSYSTEM-18KPR-11-R/S Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPR-12-R MSYSTEM-18KPR-12-R Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPR-12-R/S MSYSTEM-18KPR-12-R/S Datasheet
125Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com