Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KPR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KPR
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KPR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KPR Datasheet HTML 1Page - M-System Co.,Ltd. 18KPR Datasheet HTML 2Page - M-System Co.,Ltd. 18KPR Datasheet HTML 3Page - M-System Co.,Ltd. 18KPR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: 18KPR
18KPR SPECIFICATIONS
ES-0460 Rev.1 Page 1/4
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
PULSE SCALER
Functions & Features
• Takes pulse measurements from turbine meters or
volumetric flowmeters and outputs in convenient
engineering unit
• Module can be retracted without removing wiring for an
insulation test
• Optional power switch
MODEL: 18KPR–[1][2]–R[3]
ORDERING INFORMATION
• Code number: 18KPR-[1][2]-R[3]
Specify a code from below for each [1] through [3].
(e.g. 18KPR-11-R/S)
• Input Range (e.g. 0 - 356.7 Hz)
• Output Range (e.g. 0 - 1.00 Hz)
[1] INPUT
1: Dry contact (max. 100 kHz)
2: Voltage pulse (max. 100 kHz)
[2] OUTPUT
1: Open collector (max. frequency 20 kHz)
2: 5 V pulse (max. frequency 20 kHz)
3: Relay contact (max. frequency 2 Hz)
4: 24 V pulse (max. frequency 20 Hz)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
Power Switch
blank: None
/S: With power switch
CAUTION
1) This unit's output waveform is not uniform due to its
scaling method.
2) Use input relays which do not cause chattering (e.g.
mercury relays). Other relays could be used only with a CR
filter, for 10 Hz at maximum.
3) Use M-System’s Model M2PRU instead of this unit in
conjunction with the pulse output from M-System’s power
transducers.
Relay
R
C
PULSE
SCALER
C = 1 µF
R = 10kΩ
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
and connector
Output: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Input pulse sensing: Capacitor coupled; detecting pulse rise
Sensitivity adjustment: Single-turn screwdriver adjustment
(front); 25 mVp-p – 5 Vp-p
Scaling factor adjustment: 10-position rotary switch; 0.9999
× 100 – 0.0001 × 10–6


Similar Part No. - 18KPR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KPP MSYSTEM-18KPP Datasheet
120Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPP-122-R MSYSTEM-18KPP-122-R Datasheet
120Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPP-122-R/S MSYSTEM-18KPP-122-R/S Datasheet
120Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPP-222-R MSYSTEM-18KPP-222-R Datasheet
120Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KPP-222-R/S MSYSTEM-18KPP-222-R/S Datasheet
120Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KPR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com