Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KYC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KYC
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KYC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KYC Datasheet HTML 1Page - M-System Co.,Ltd. 18KYC Datasheet HTML 2Page - M-System Co.,Ltd. 18KYC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18KYC
18KYC SPECIFICATIONS
ES-0489 Rev.1 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
CONTROL OUTPUT ISOLATOR
Functions & Features
• Takes 4 - 20 mA DC as input
• Opencircuit detection
• Module can be retracted without removing wiring for an
insulation test
• Capable of monitoring input signals at front terminals
• Optional power switch
MODEL: 18KYC–AA–R[1]
ORDERING INFORMATION
• Code number: 18KYC-AA-R[1]
Specify a code from below for [1].
(e.g. 18KYC-AA-R/S)
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
Power Switch
blank: None
/S: With power switch
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: Connector
Input monitor: M3.5 screw terminals (torque: 0.8 N·m)
Output: M3.5 screw terminals (torque: 0.8 N·m) and
connector
Power: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Opencircuit detection: input current 0 mA when the output
loop is open.
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18KBXx
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input to output to
power to ground )


Similar Part No. - 18KYC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH-AA-R MSYSTEM-18KYCH-AA-R Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH-AA-R/B MSYSTEM-18KYCH-AA-R/B Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH-AA-R/S MSYSTEM-18KYCH-AA-R/S Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KYC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com