Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KPR-23-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18KPR-23-R
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KPR-23-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18KPR-23-R Datasheet HTML 1Page - M-System Co.,Ltd. 18KPR-23-R Datasheet HTML 2Page - M-System Co.,Ltd. 18KPR-23-R Datasheet HTML 3Page - M-System Co.,Ltd. 18KPR-23-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: 18KPR
18KPR SPECIFICATIONS
ES-0460 Rev.1 Page 4/4
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
1
2
3
4
7
8
5
6
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
**
Pulse Volt.
Amplifier
5
1
3
2
SENSITIVITY
ADJ.
Scaler
One-Shot
*
+
7.5 V
4
7
8
SCALING
FACTOR ADJ.
* Only with dry contact input
** With power switch only
Use either of module or external field terminals.
Output
Driver
OUTPUT
+
−
OUTPUT
POWER
6
1
2
+
−
INPUT
Section A. Field Terminals
Isolation
Module
Field Terminals
(Section A)
External
Field Terminals
(Section A)
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com