Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KYS-66-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 18KYS-66-R
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KYS-66-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  18KYS-66-R Datasheet HTML 1Page - M-System Co.,Ltd. 18KYS-66-R Datasheet HTML 2Page - M-System Co.,Ltd. 18KYS-66-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 18KYS
18KYS SPECIFICATIONS
ES-0471 Rev.1 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*
5
6
3
1
2
Voltage
Duty Cycle
S
Z
DCS OUTPUT
4
7
8
+
−
Low Drift
Amplifier
Output
Driver
POWER
INPUT MONITOR
Section A. Field Terminals
1
2
OUTPUT
+
−
* With power switch only
Use either of module or external field terminals.
Module Field Terminals
   (Section A)
To External Field Terminals
   (Section A)
Isolation
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com