Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9711 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9711
Description  High-side power switch with logo
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9711 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9711 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9711 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FLAG 关断电流
V
FLG =5V
0.01
1
μA
FLAG 延迟时间
从故障条件到
FLG 维持时间
5
12
20
ms
关断拉低电阻
VEN =0V, V
EN =5V
75
150
Ω
欠压锁定
VIN上升
1.3
1.7
V
欠压迟滞
VIN下降
0.1
V
热关断保护
130
°C
热关断迟滞
20
°C
注
1: 绝对最大额定值是指超过该值则器件的耐用性有可能受损。
注
2: 热阻近似地以基于 1 平方英寸含 1 盎司铜测算。
注
3: TJ 根据以下公式由环境温度 TA 和功耗 PD 计算而得。
注
4: 100%产品在+25°C 时测试,在工作温度范围内的规格,由设计和工艺原理提供保证。
典型性能特征
Rdson vs Vin
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin(V)
Iq vs Vin
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin(V)
Ilimit vs Vin
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin(V)
Vout vs Iout
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Iout(A)
TA=25℃
TA=85℃
TA=-40℃
4 / 10
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com