Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KRS-366-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KRS-366-R
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KRS-366-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KRS-366-R Datasheet HTML 1Page - M-System Co.,Ltd. 18KRS-366-R Datasheet HTML 2Page - M-System Co.,Ltd. 18KRS-366-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18KRS
18KRS SPECIFICATIONS
ES-0414 Rev.3 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
RTD CONVERTER
Functions & Features
• Accepting direct input from an RTD and providing two
standard process signals
• Linearization
• Burnout protection
• Module can be retracted without removing wiring for an
insulation test
• Power switch optional
Typical Applications
• Converting into standard signals
• Power plant
MODEL: 18KRS–[1]6[2]–R[3]
ORDERING INFORMATION
• Code number: 18KRS-[1]6[2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. 18KRS-466-R/S/BL)
• Temperature range (e.g. 0 – 500°C)
[1] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 30°C, 54°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 30°C, 54°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 30°C, 54°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 60°C, 108°F)
6: Ni 508.4 Ω
(Usable range: -50 to +200°C, -58 to +392°F; min.span: 20°C, 36°F)
0: Specify
Note: Consult M-System for 2-wire RTD
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
[2] OUTPUT 2
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Power Switch
blank: None
/S: With power switch
Burnout
blank: Upscale burnout
/BL: Downscale burnout
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
and connector
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Linearization: Standard
INPUT SPECIFICATIONS
Maximum leadwire resistance: 20 Ω per wire (3-wire)
Sensing current: 2 mA
INSTALLATION
Current consumption:
Approx. 35 mA with voltage output
Approx. 65 mA with current output
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18KBXx
Weight: 150 g (0.33 lb)


Similar Part No. - 18KRS-366-R

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
18K0J OHMITE-18K0J Datasheet
239Kb / 2P
Power Chip짰 Thick Film on Alumina Substrate
logo
Rosenberger Hochfrequen...
18K101-270L5 ROSENBERGER-18K101-270L5 Datasheet
512Kb / 2P
Mini SMP STRAIGHT JACK
18K101-K00L5 ROSENBERGER-18K101-K00L5 Datasheet
38Kb / 2P
ADAPTOR Mini SMP JACK - JACK
18K102-271L5 ROSENBERGER-18K102-271L5 Datasheet
513Kb / 2P
Mini SMP STRAIGHT JACK
18K104-K00L5 ROSENBERGER-18K104-K00L5 Datasheet
55Kb / 2P
ADAPTOR Mini SMP JACK - JACK
More results

Similar Description - 18KRS-366-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com