Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM9804 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9804
Description  80V 1A Switching Current Buck PFM LED Constant Current Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9804 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9804 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9804 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
80V 1A Switching Current Buck PFM LED Constant Current Driver
HM9804
Rev 1.1
4
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
HM9804 Electrical Characteristics
Ta = 25℃;unless otherwise specified. Reference test circuit figure4
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
VCSP
CSP
Voltage
VIN = 24V to 80V,
Iled=0.3A, Pout=8W
190
200
210
mV
Efficiency
ŋ
VIN=48V, Iled=0.3A, Pout=8W
-
94.9
-
%
Efficiency
ŋ
VIN=60V, Iled=0.3A, Pout=8W
-
94.6
-
%
Efficiency
ŋ
VIN=72V, Iled=0.3A, Pout=8W
-
92.4
-
%
Electrical Characteristics (DC Parameters)
Parameters
Symbol
Test Condition
Min.
Typ.
Max. Unit
Input operation voltage
VIN
24
80
V
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=48V
47.8
59.7
71.6
KHz
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=60V
56.5
70.6
84.7
KHz
Switching Frequency
Fosc
Figure4 (8*1W)
VIN=72V
61.2
76.4
91.6
KHz
Output LED open voltage
Vopen
Figure4 VIN=72V
36
V
DMOS
Drain-Source
Breakdown Voltage
VBRDS
VGS=0V, IDS=250uA
90
V
DMOS
Drain-Source on resistor
RDSON
IDS=0.5A, VGS=10V
0.1
0.15
Ohm
Thermal Shutdown
OTP
Tj
165
0C
Thermal Shutdown Window
25
0C
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com