Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP02 Datasheet(PDF) 2 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 2 Page - Texas Instruments

  DCP02 Datasheet HTML 1Page - Texas Instruments DCP02 Datasheet HTML 2Page - Texas Instruments DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
ORDERING INFORMATION
BasicModelNumber:2WProduct
VoltageInput:
5VIn
VoltageOutput:
5VOut
DualOutput:
PackageCode:
P=DIP-14
U=SO-28
DCP02
05
05
(D) ()
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
For the most current package and ordering information, see the Package Option Addendum at the end of this
data sheet, or see the TI website at www.ti.com.
Supplemental Ordering Information
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
DCP02 Series
UNIT
5V input models
7
V
12V input models
15
V
Input Voltage
15V input models
18
V
24V input models
29
V
Storage temperature range
–60 to +125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
At TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Power
100% full load
2
W
Ripple
Output capacitor = 1
µF, 50% load
20
mVPP
Room to cold
0.046
%/
°C
Voltage vs. Temperature
Room to hot
0.016
%/
°C
INPUT
Voltage range on VS
–10
10
%
ISOLATION
1s Flash test
1
kVrms
Voltage
60s test, UL1950(1)
1
kVrms
LINE REGULATION
VS (min) to VS (typ)
1
15
%
Output Voltage
IO = constant
(2)
VS (typ) to VS (max)
1
15
%
(1)
During UL1950 recognition tests only.
(2)
IOUT ≥ 10% load current
2
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com