Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14CEC-115D-R/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 14CEC-115D-R/Q
Description  Space-saving power converter 14-UNIT series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

14CEC-115D-R/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  14CEC-115D-R/Q Datasheet HTML 1Page - M-System Co.,Ltd. 14CEC-115D-R/Q Datasheet HTML 2Page - M-System Co.,Ltd. 14CEC-115D-R/Q Datasheet HTML 3Page - M-System Co.,Ltd. 14CEC-115D-R/Q Datasheet HTML 4Page - M-System Co.,Ltd. 14CEC-115D-R/Q Datasheet HTML 5Page - M-System Co.,Ltd. 14CEC-115D-R/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
机型: 14CEC
http://www.m-system.co.jp/
14CEC规格书
CS-4934 Rev.3 Page 4/6
外形尺寸图(单位: mm)
■DIN导轨安装 (附加代码: 不写入)
10ーM3.5 螺丝端子
8
50
123
(3.3)
DIN导轨
安装时
(宽35mm幅)
端子盖
・可进行高密度安装
■壁面安装 (附加代码: /W)
10ーM3.5 端子螺丝
2-φ 4.5 安装孔
8
52
40
128
端子盖
・可进行高密度安装
■钳式传感器: CLSA-08
ø
k
l
■钳式传感器: CLSA-12
ø
k
l
■钳式传感器: CLSA-30
ø
k
l



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com