Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEPA-11PCD-C/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WEPA-11PCD-C/Q
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WEPA-11PCD-C/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WEPA-11PCD-C/Q Datasheet HTML 1Page - M-System Co.,Ltd. WEPA-11PCD-C/Q Datasheet HTML 2Page - M-System Co.,Ltd. WEPA-11PCD-C/Q Datasheet HTML 3Page - M-System Co.,Ltd. WEPA-11PCD-C/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: WEPA
WEPA SPECIFICATIONS
ES-2243 Rev.2 Page 3/4
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Accuracy: ±2 % with balanced load
Temp. coefficient: ±0.2 %/°C (±0.11 %/°F)
Response time: ≤ 1 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (50/60 Hz)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to output 1 or output 2 to
power to ground)
1000 V AC @ 1 minute (output 1 to output 2)
CONNECTION DIAGRAM
LOAD
1
2
3
SOURCE
P3
U
P2
V
u
v
FUSE
VT
1L
1S
k
l
L
K
9
4
5
6
■3-PHASE/3-WIRE
7
8
*
* CT Protector (model: CTM) attached to this terminal.
** The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets
other supply voltage requirements.
U(+)
V(−)
POWER **
+
−
1
2
10
1
OUTPUT 1
11
+
OUTPUT 2
−
−
CT
EXTERNAL DIMENSIONS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com