Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM1321 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CCM1321
Description  Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CCM1321 Datasheet(HTML) 1 Page - Tyco Electronics

  CCM1321 Datasheet HTML 1Page - Tyco Electronics CCM1321 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
More Product Available Online: www.digikey.com
Toll-Free: 1-800-344-4539 • Phone: 218-681-6674 • Fax: 218-681-3380
(T052)
000
950 (T053)
Rated
Current
125V
Output
Mounting
Input
Dimensions (mm)
Digi-Key
Pricing
Corcom
Fig.
(Amps)
Terminals
Style
Config.
A
B
C
D
Part No.
1
25
100
Part No.
Series SR — AC Connector
15
PC Terminals
Flange
Male
50.01
40.01
28.19
26.70
CCM1400-ND
3.23
56.50
189.00
6ESRM-P
15
Quick Disconnect
Flange
Male
50.22
40.01
22.76
31.09
CCM1401-ND
2.35
41.00
137.00
6ESRM-3
15
15
Quick Disconnect
Snap-In
Male
30.40
—
22.66
30.61
CCM1402-ND
2.47
43.00
144.00
6ESRMC2
15
Quick Disconnect
Snap-In
Female
35.31
—
28.19
35.71
CCM1403-ND
2.86
50.00
167.00
6ESRFC3
15
Quick Disconnect
Flange
Female
50.01
40.01
29.31
35.71
CCM1404-ND
2.86
50.00
167.00
6ESRF-3
Rated
Available
Current
RFI
Voltage
DPST
120V
Filter
Selection
On/Off
Dimensions (mm)
Digi-Key
Pricing
Corcom
Fig.
(Amps)
Type
Position
Switch
A
B
C
D
E
Part No.
1
25
100
Part No.
Series J — Power Entry Modules
6
Unfiltered
4
—
68.07
38.61
29.72
31.24
—
CCM1200-ND
16.17
282.50
944.00
6VJ1
11
6
Gen. Purpose
4
—
69.85
47.50
29.73
40.13
—
CCM1201-ND
28.90
505.25
1687.00
6J4
Series LA — Power Entry Modules
12
5
Gen. Purpose
2
—
50.50
39.90
65.79
61.21
—
CCM1614-ND
54.62
955.00
3190.01
5EFLA2S
Series M — Power Entry Modules
6
Unfiltered
1
Yes
105.92
91.95
36.83
81.8
—
CCM1001-ND
20.92
365.75
1221.00
6VM1S
6
Unfiltered
2
Yes
118.11 104.14
36.83
94.5
—
CCM1003-ND
24.40
426.50
1425.00
6VM2S
13
6
Unfiltered
4
Yes
118.11 104.14
36.83
94.5
—
CCM1005-ND
24.40
426.50
1425.00
6VM4S
5
Medical
1
Yes
105.92
91.95
29.0
81.8 55.63
CCM1011-ND
31.02
542.25
1811.00
5EHM1S
5
Gen. Purpose
1
Yes
105.92
91.95
29.0
81.8 55.63
CCM1021-ND
30.50
533.25
1781.00
5EFM1S
5
Gen. Purpose
4
Yes
118.11 104.14
29.0
94.0 55.63
CCM1023-ND
33.99
594.25
1985.00
5EFM4S
5
Medical
4
No
98.55
84.33
29.0
74.2 55.63
CCM1012-ND
30.11
526.25
1757.00
5EHM4
14
5
Gen. Purpose
1
No
86.11
72.14
29.0
62.0 55.63
CCM1020-ND
26.14
457.00
1527.00
5EFM1
Insulating Boot for M1 Version ........................................................................ CCM1066-ND NEW!
4.82
84.50
282.23
MA604
* Unfiltered
† Utilizes 2 5x20 fuses
Power Entry Modules (Cont.)
Fig. 11
Fig. 13
Fig. 15
Fig. 14
Fig. 12
Note: Picture shown with
mounting flange.
Note: Picture shown with switch.
C
A
D
B
D
C
E
B
D
A
C
E
B
D
A
D
C
B
A
Ø3.40
220-240
A
B
C
RF Line Filters
B Series: These general purpose common-mode RFI power line filters effectively
provide RFI control of line-to-ground noise in a small size at a low cost.
EDP Series: These RFI power line filters provide enhanced differential-mode
performance for applications requiring more line-to-line protection.
EJT Series: The EJT Series is a power inlet filter designed to attenuate noise up
to 1 GHz. This inlet uses an IEC 320/C14 input connector. This product was
designed to address the demand for more noise attenuation at higher frequencies
in a compact inlet.
EOP Series: A general purpose filter which is effective in removing both common
and differential-mode noise for susceptibility applications.
EP Series: The EP/VP series of RFI filters has been developed to reduce
conducted noise to acceptable limits for equipment that must comply with
requirements of CISPAR in Europe and the FCC specifications in the USA.
H Series: The H series filters were developed specifically for health care
applications. These products are suitable for uses in both patient care equipment
and nonpatient care equipment. Extremely low leakage current allows compliance
with UL544 and CSA 22.2 health care specifications.
HT Series: This series of power line filters provides superior common-mode and
premium differential-mode attenuation to RFI noise on the frequency range from
10KHz to 30MHz, for IEC601 and UL544 patient-connected equipment, as well as
all other electronic equipment that cannot tolerate any leakage current.
K Series: These power line filters are general purpose common-mode and
differential-mode filters. They are effective in the control of line-to-line as well as
line-to-ground RFI interference. They are particularly suited in applications where
pulsed, continuous and/or intermittent RFI interference is present.
MV Series: This series answers the need for a medical filter to help equipment
comply with increasing noise sources in medical applications while still meeting
leakage current requirements of UL2601.
N Series: The N series RFI filters are designed to provide superior common-
mode attenuation for most digital electronic equipment (particularly switching
power supplies) over the frequency range of 10KHz to 30MHz.
Q Series: A series of RFI power line filters that has been developed specifically
for switching power supplies and is designed to be all the line filtering needed to
control conducted emissions all the way down to 10KHz.
R Series: These dual T section RFI power line filters provide premium
performance at a moderate cost. They are well suited for impedance loads where
noisy RFI environments are present. They control pulsed, continuous and/or
intermittent interference, insuring protection of your equipment from power
noise in addition to protecting the line from equipment noise.
S Series: The S series of RFI power line filters combines successful line-to-
ground interference rejection filters with additional circuitry designed to reduce
line-to-line noise and transients.
SK Series: This series of RFI power line filters was designed to reduce
conducted noise to acceptable limits for equipment that must comply with the
FCC specifications in the USA and CISPAR specifications in Europe.
T Series: These RFI power line filters provide superior common-mode and
premium differential-mode attenuation, exceeded only by that of Q series filters.
U Series: The U series was designed to meet the RFI needs created by power
factor corrected power supplies. This high performance filter offers a high
impedance circuit to mismatch the power supply's impedance characteristics.
V and W Series: These RFI power line filters will protect equipment from
malfunctions due to conducted interference coming into the equipment from the
line, especially line-to-line noise and transients. The W series has a two-stage
construction that provides excellent suppression at high frequency.
X Series: This series was designed to bring most digital equipment (including
switching power supplies) into compliance with FCC Part 15J, Class B conducted
emission limits.
Z Series: A design that brings most digital equipment (including switching power
supplies) into compliance with EN55022 Level B, (as well as FCC Part 15J, Class
B) conducted emission limits.
Rated Cur.
Dimension (mm)
Digi-Key
Pricing
Corcom
Fig. 120 V (Amps)
Termination
A
B
C
D
Part No.
1
25
100
Part No.
Series B — Line Filter
1
Faston
57.15
46.23
16.76
53.98
CCM1300-ND
13.94
243.75
814.00
1VB1
2
Faston
57.15
46.23
16.76
53.98
CCM1301-ND
12.54
219.00
731.00
2VB1
3
Faston
66.29
46.23
19.81
53.98
CCM1302-ND
14.48
253.25
846.00
3VB1
1
5
Faston
66.29
46.23
19.81
53.98
CCM1303-ND
13.42
234.75
783.00
5VB1
10
Faston
66.29
46.23
29.46
53.98
CCM1304-ND
14.99
262.25
875.00
10VB1
20
Faston
85.30
52.60
29.50
60.33
CCM1634-ND
23.23
406.00
1357.00
20EB1
20
Faston
85.34
52.58
29.46
60.33
CCM1305-ND
23.00
402.25
1343.00
20VB1
1
Wire Lead
24.38
46.23
16.76
53.98
CCM1310-ND
14.84
259.50
867.00
1VB3
9
2
Wire Lead
24.38
46.23
16.76
53.98
CCM1311-ND
13.53
236.50
791.00
2VB3
3
Wire Lead
33.53
46.23
19.81
53.98
CCM1312-ND
15.44
270.00
902.00
3VB3
5
Wire Lead
33.53
46.23
19.81
53.98
CCM1313-ND
14.22
248.25
830.00
5VB3
10
Wire Lead
33.53
46.23
29.46
53.98
CCM1314-ND
15.69
274.25
916.00
10VB3
4
20
Stud
87.88
52.58
29.46
60.33
CCM1321-ND
27.37
478.75
1598.00
20VB6
Fig. 1
D
A
B
C
Fig. 2
D
A
B
C
(Continued)
Rated
Current
Dimensions (mm)
Digi-Key
Pricing
Corcom
Fig. 120V (Amps)
Termination
A
B
C
D
E
F
Part No.
1
25
100
Part No.
Series EJS — Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1
Straight
55.88
27.94
24.38
30.10
34.21
—
CCM1252-ND
11.24
196.50
657.00
1EJS1
3
Straight
55.88
27.94
24.38
30.10
34.21
—
CCM1253-ND
9.27
162.50
542.00
3EJS1
8
6
Straight
55.88
27.94
24.38
30.10
34.21
—
CCM1254-ND
8.69
151.75
507.00
6EJS1
10
Straight
55.88
27.94
24.38
30.10
34.21
—
CCM1255-ND
9.35
163.50
547.00
10EJS1
15
Straight
55.88
27.94
24.38
30.10
34.21
—
CCM1256-ND
9.38
164.00
548.00
15EJS1
9
20
Straight
79.375
34.29
29.99
37.08
36.07
—
CCM1257-ND
17.54
306.75
1024.00
20EJS1
Series H - Power Entry Modules
2
6
Faston, Straight
55.90
30.20
20.60
40.01
—
—
CCM1607-ND
16.41
287.00
958.00
6EH4
Series P, Chameleon — For General or Medical Applications (See chart for part number break down)
10
Faston
31.50
49.02
58.67
26.92
55.91
—
CCM1372-ND
*
16.38
286.25
956.00
PS0SXS000
10
Faston
31.50
49.02
58.67
26.92
55.91
—
CCM1373-ND
*
12.77
223.50
746.00
PS000S000
10
Faston
31.50
54.10
58.67
26.92
55.91
—
CCM1374-ND
19.53
341.50
1141.00
PS0S0SBX0
3
Faston
31.50
54.10
58.67
28.50
55.91
—
CCM1376-ND
24.35
425.50
1422.00
PS000SS3B
3
Faston
31.50
54.10
58.67
26.92
55.91
—
CCM1377-ND
23.89
417.75
1395.00
PS0SXSS30
10A
6
Faston
31.50
54.10
58.67
26.92
55.91
—
CCM1378-ND
22.53
394.00
1317.00
PS0SXSS60
10
Faston
31.50
54.10
58.67
28.50
55.91
—
CCM1379-ND
27.64
483.25
1614.00
PS0S0SSXA
10
Faston
31.50
54.10
58.67
28.50
55.91
—
CCM1380-ND
25.85
451.75
1509.00
PS000SSXB
6
Faston
31.50
54.10
58.67
26.92
55.91
—
CCM1381-ND
22.53
394.00
1317.00
PS0SXDS60
6
Faston
31.50
54.10
58.67
28.50
55.91
—
CCM1382-ND
24.80
433.50
1447.00
PS0S0SS6A
6
Faston
31.50
54.10
58.67
26.92
55.91
—
CCM1600-ND
22.53
394.00
1317.00
PS0S0SS60
10
Faston
50.29
49.02
58.67
28.50
55.91
40.01
CCM1375-ND
*
17.43
304.75
1018.00
PE0SSS000
10B
6
Faston
50.29
54.10
58.67
28.50
55.91
40.01
CCM1383-ND
23.58
412.25
1377.00
PE0SSSS60
10
Faston
50.29
54.10
58.67
28.50
55.91
40.01
CCM1384-ND
26.45
462.25
1544.00
PE0SSSSX0
3
Faston
50.29
54.10
58.67
28.50
55.91
40.01
CCM1385-ND
24.94
436.00
1457.00
PE0S0SS30
V
D E
V
D E
V
D E
+
S
V
D E
+
S
V
D E
+
S
D


Similar Part No. - CCM1321

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CCM12 LSTD-CCM12 Datasheet
205Kb / 2P
Operates in many radio frequencies for worldwide deployment
logo
Red Lion Controls. Inc
CCM12890 REDLION-CCM12890 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
CCM12890 REDLION-CCM12890 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
CCM12894 REDLION-CCM12894 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
CCM12894 REDLION-CCM12894 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
More results

Similar Description - CCM1321

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
POWER ENTRY MODULES WITHOUT LINE FILTER
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Schurter Inc.
0040.5000.2 SCHURTER-0040.5000.2 Datasheet
400Kb / 3P
Power entry modules without line filter
logo
Tyco Electronics
PA100 MACOM-PA100 Datasheet
66Kb / 2P
L Series - Power Entry Modules
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
Dual -48 V DC power entry modules
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
POWER ENTRY MODULES
ACCESSORIES SCHURTER-ACCESSORIES Datasheet
200Kb / 7P
Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
BOWDENCABLESINCL SCHURTER-BOWDENCABLESINCL Datasheet
229Kb / 3P
Bowden Cable for Power Entry Modules
0886.0606 SCHURTER-0886.0606 Datasheet
215Kb / 3P
Bowden Cable for Power Entry Modules
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com