Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2734 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2734
Description  Full-Swing Input and Output type Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2734 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2734 Datasheet HTML 3Page - New Japan Radio NJM2734 Datasheet HTML 4Page - New Japan Radio NJM2734 Datasheet HTML 5Page - New Japan Radio NJM2734 Datasheet HTML 6Page - New Japan Radio NJM2734 Datasheet HTML 7Page - New Japan Radio NJM2734 Datasheet HTML 8Page - New Japan Radio NJM2734 Datasheet HTML 9Page - New Japan Radio NJM2734 Datasheet HTML 10Page - New Japan Radio NJM2734 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJM2734
-7-
Ver.2005-01-26
■ Typical Characteristics
Maximum Output Voltage
vs. Load Resistance
(Ambient Temperature)
0
1
2
3
0.01
0.11
10
100
Load Resistance [kΩ]
Ta=+85
oC
V
+=1.8V, G
V=OPEN, RL to 1/2V
+
Ta=-40
oC
Ta=+25oC
Maximum Output Voltage
vs. Load Resistance
(Ambient Temperature)
0
1
2
3
0.01
0.11
10
100
Load Resistance [kΩ]
V
+=3V, G
V=OPEN, RL to 1/2V
+
Ta=+85
oC
Ta=-40oC
Ta=+25
oC
Maximum Output Voltage
vs. Load Resistance
(Ambient Temperature)
0
1
2
3
4
5
0.01
0.11
10
100
Load Resistance [kΩ]
V+=5V, GV=OPEN, RL to 1/2V
+
Ta=+85oC
Ta=-40oC
Ta=+25oC
Input bias Current
vs. Common Mode Input Voltage
-200
-150
-100
-50
0
50
100
150
200
-3
-2
-1
0
1
23
Common Mode Input Voltage [V]
V+/V-=±2.5V
V+/V-=±0.9V
V+/V-=±1.5V
Ta=+25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com