Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT2000 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # DT2000
Description  Ideal when security is key
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

DT2000 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  DT2000 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd DT2000 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATATRAVELER 2000
Encrypted protection — With keypad and encryption,
no one can see what you have stored on the drive
without knowing the PIN.
Alphanumeric keypad — Simply key in your PIN to
unlock the data files on your drive.
SPECIFICATIONS
FEATURES / BENEFITS
FIPS 140-2 Level 3 certied — DT2000 is FIPS 140-
2 Level 3 certified, to meet a frequently requested
corporate IT requirement.
Fast storage — USB 3.1 Gen 1 (USB 3.0) speed allows
for faster data transfers.
Interface
USB 3.1 Gen 1 (USB 3.0)
Capacities1
4GB, 8GB, 16GB, 32GB, 64GB, 128GB
Speed2
USB 3.1
4GB: 80MB/s read, 12MB/s write
8GB-16GB: 120MB/s read, 20MB/s write
32GB-128GB: 135MB/s read, 40MB/s write
USB 2.0
4GB-8GB: 30MB/s read, 12MB/s write
16GB-128GB: 30MB/s read, 20MB/s write
Dimensions (drive with sleeve)
80mm x 20mm x 10.5mm
Dimensions (drive without sleeve)
78mm x 18mm x 8mm
Waterproof/Dustproof
Certified to IP57 rating
Compatibility
USB 3.0 compliant and 2.0 compatible
Operating Temperature
0°C to 40°C
Storage Temperature
-20°C to 60°C
Minimum System Requirements
USB 3.0 compliant and 2.0 compatible
Compatible with
Windows® 10, Windows 8.1, Windows 8, macOS v.10.12.x – 10.15.x,
Linux kernel v.4.4.x, Chrome OS™ Android3
Warranty/support
3-year warranty, free technical support
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2020 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-429.1
DT2000 is based on DataLock® technology licensed from ClevX, LLC. U.S. Patent. www.clevx.com/patents
1. Some of the listed capacity on a Flash storage device is used for formatting and other functions and thus is not
available for data storage. As such, the actual available capacity for data storage is less than what is listed on the
products. For more information, go to Kingston’s Flash Memory Guide.
2. Speed may vary due to host hardware, software and usage.
3. Compatible devices only.
KINGSTON PART NUMBERS
DataTraveler 2000
DT2000/4GB
DT2000/8GB
DT2000/16GB
DT2000/32GB
DT2000/64GB
DT2000/128GB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com