Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V41M103C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # V41M103C
Description  Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.40 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V41M103C Datasheet(HTML) 3 Page - Vishay Siliconix

  V41M103C Datasheet HTML 1Page - Vishay Siliconix V41M103C Datasheet HTML 2Page - Vishay Siliconix V41M103C Datasheet HTML 3Page - Vishay Siliconix V41M103C Datasheet HTML 4Page - Vishay Siliconix V41M103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
V41M103C
www.vishay.com
Vishay General Semiconductor
Revision: 22-Dec-2020
3
Document Number: 98160
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance Per Device
10
100
1000
10000
0
10
20
30
40
50
0
25
50
75
100
125
150
175
Axis Title
Case Temperature (°C)
T
C = 148.8 C, RthJC = 1.0 C/W
10
100
1000
10000
0
4.0
8.0
12.0
16.0
0
5
10
15
20
25
Axis Title
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = tp/T
T
tp
10
100
1000
10000
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Axis Title
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
T
J = -40 C
T
J = 150 C
T
J = 175 C
10
100
1000
10000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
20
40
60
80
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
T
J = -40 C
T
J = 175 °C
10
100
1000
10000
100
1000
10 000
0.1
1
10
100
Axis Title
Reverse Voltage (V)
T
J = 25 °C,
f = 1.0 MHz,
V
sig = 50 mVp-p
10
100
1000
10000
0.1
1
10
0.01
0.1
1
10
100
Axis Title
t - Pulse Duration (s)
Junction to case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com