Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V60DM60C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V60DM60C
Description  Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V60DM60C Datasheet(HTML) 2 Page - Vishay Siliconix

  V60DM60C Datasheet HTML 1Page - Vishay Siliconix V60DM60C Datasheet HTML 2Page - Vishay Siliconix V60DM60C Datasheet HTML 3Page - Vishay Siliconix V60DM60C Datasheet HTML 4Page - Vishay Siliconix V60DM60C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V60DM60C
www.vishay.com
Vishay General Semiconductor
Revision: 18-Mar-2019
2
Document Number: 87583
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) Mounted on infinite heatsink
(2) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA - junction-to-ambient
(3) Free air, without heatsink
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 5 A
TA = 25 °C
VF (1)
0.46
-
V
IF = 15 A
0.55
-
IF = 30 A
0.65
0.71
IF = 5 A
TA = 125 °C
0.34
-
IF = 15 A
0.47
-
IF = 30 A
0.61
0.67
Reverse current at rated VR per diode
VR = 60 V
TA = 25 °C
IR (2)
-2.1
mA
TA = 125 °C
12
35
Typical junction capacitance
4.0 V, 1 MHz
CJ
3400
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V60DM60C
UNIT
Typical thermal resistance per device
RJC(1)
0.8
°C/W
RJA (2)(3)
50
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V60DM60C-M3/I
0.55
I
2000/reel
13" diameter plastic tape and reel
V60DM60CHM3/I (1)
0.55
I
2000/reel
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com