Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0265 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0265
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0265 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0265 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0265 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0265 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS R01E-UI-KH22-00,2-S49
Order Code: BOS0265
Internet
www.balluff.com
eCl@ss 9.1:
Subject to change without notice: 259232
ETIM 6.0:
BOS0265_0.69_2021-03-18
2 / 3
Environmental conditions
Ambient temperature
-5...55 °C
Contamination scale
3
EN 60068-2-27, Shock
-sinus, 100 gn, 2 ms, 3x8000
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
…2000 Hz, amplitude 1 mm, 30
gn, 3x5 h
10…55 Hz, amplitude 1 mm,
3x30 min
IP rating
Housing IP69K, Connector IP67
IP rating per DIN 40050
Housing IP69K, Connector IP67
Functional safety
MTTF (40 °C)
466 a
Material
Housing material
Stainless steel (1.4404)
Material jacket
PUR
Material sensing surface
PA
Mechanical data
Dimension
20 x 32 x 9 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 3.0 mm Light exit
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light-on
Wave length
650 nm
Output/Interface
Baud rate
38.4 kBaud
Function class, smart sensor
Switching signal channel
Interface
IO-Link 1.1
Interface setting option
BDC mode 1-pt./2-pt./window
Process data IN
Teaching active/inactive
Limit range yes/no
Switching state active/inactive
Profile
Smart Sensor
Switching output
PNP normally open (NO)
Range/Distance
Hysteresis H max. (% of Sr)
8.0 %
Range
1...100 mm
Rated operating distance Sn
100 mm Adjustable
Repeat accuracy max. (% of Sr)
2 %
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching
the device.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate Indication of the MTTF- / B10d value does not represent a binding composition
and/or life expectancy assurance; these are simply experiential values with no warranty implications. These declared values also do not extend the
expiration period for defect claims or affect it in any way.
Half
n
10
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com