Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0270 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0270
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0270 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0270 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0270 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0270 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS Q08M-UUI-KH22-S49
Order Code: BOS0270
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 265571
ETIM 6.0: EC001822
BOS0270_0.44_2021-04-29
2 / 3
Functional safety
MTTF (40 °C)
360 a
Material
Housing material
Zinc, Die casting, nickel plated
Material sensing surface
PMMA
Surface protection
nickel-plated
Mechanical data
Dimension
8 x 59 x 8 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 3 mm Light exit
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light-on
Wave length
650 nm
Output/Interface
Baud rate
38.4 kBaud
Function class, smart sensor
Switching signal channel
Interface
IO-Link 1.1
Interface setting option
BDC mode 1-pt./2-pt./window
Process data IN
Teaching active/inactive
Limit range yes/no
Switching state active/inactive
Profile
Smart Sensor
Switching output
PNP normally open (NO)
Range/Distance
Distance deviation 18 % max. (% of
Sr)
10 %
Hysteresis H max. (% of Sr)
10 %
Range
10...30 mm
Rated operating distance Sn
30 mm Adjustable
Repeat accuracy max. (% of Sr)
3 %
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching
the device.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com