Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOOD-TB-R-PN Datasheet(PDF) 1 Page - Festo Corporation.

Part # SOOD-TB-R-PN
Description  Light barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SOOD-TB-R-PN Datasheet(HTML) 1 Page - Festo Corporation.

  SOOD-TB-R-PN Datasheet HTML 1Page - Festo Corporation. SOOD-TB-R-PN Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Light barrier
SOOD-TB-R-PN
Part number: 8075656
Data sheet
Feature
Value
Type code
SOOD
Certificate issuing authority
UL E232949
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection for input 1, connection pattern
00991155
Detection method
Through-beam sensor
Transmitter
Receiver
Electrical connection 1, number of pins/wires
3
Design
Block design
Conforms to standard
EN 60947-5-2
Symbol
00995974
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Measuring principle
Optoelectronic
Type of light
Red
LED
Max. light spot
150 mm at 2000 mm
Working range
0 mm ... 2000 mm
Ambient temperature
-25 °C ... 60 °C
Switching output
Push-pull
Switching element function
PNP, dark-switching
NPN, bright-switching
Max. switching frequency
800 Hz
Max. output current
50 mA
Voltage drop
0 V ... 1.5 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 30 V
Residual ripple
10%
Idle current
11 mA
Reverse polarity protection
for all electrical connections
5/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - SOOD-TB-R-PN

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SOOD-TB-L-PN FESTO-SOOD-TB-L-PN Datasheet
89Kb / 2P
Light barrier
More results

Similar Description - SOOD-TB-R-PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KY-010 ETC2-KY-010 Datasheet
125Kb / 3P
Light barrier-module
logo
Festo Corporation.
8075661 FESTO-8075661 Datasheet
89Kb / 2P
Light barrier
8075665 FESTO-8075665 Datasheet
100Kb / 2P
Light barrier
8075671 FESTO-8075671 Datasheet
100Kb / 2P
Light barrier
553553 FESTO-553553 Datasheet
93Kb / 2P
Fork light barrier
7/13/22
553557 FESTO-553557 Datasheet
86Kb / 2P
Fork light barrier
7/13/22
553559 FESTO-553559 Datasheet
85Kb / 2P
Fork light barrier
7/13/22
553561 FESTO-553561 Datasheet
92Kb / 1P
Fork light barrier
7/13/22
553563 FESTO-553563 Datasheet
88Kb / 1P
Fork light barrier
7/13/22
553567 FESTO-553567 Datasheet
83Kb / 1P
Fork light barrier
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com