Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOOE-DS-R-PNLK-T Datasheet(PDF) 2 Page - Festo Corporation.

Part # SOOE-DS-R-PNLK-T
Description  Diffuse scan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SOOE-DS-R-PNLK-T Datasheet(HTML) 2 Page - Festo Corporation.

  SOOE-DS-R-PNLK-T Datasheet HTML 1Page - Festo Corporation. SOOE-DS-R-PNLK-T Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width OUT
2 bit
IO-Link®, process data content OUT
1 bit (emitter disable)
1 bit (hold)
IO-Link®, process data width IN
1 bit
IO-Link®, process data content IN
1 bit SSC (switching signal)
IO-Link®, minimum cycle time
2.3 ms
IO-Link®, data memory required
2000 byte
DC operating voltage range
10 V ... 30 V
Residual ripple
10 %
Idle current
25 mA
Reverse polarity protection
for all electrical connections
Material of pin contacts
Brass, gold-plated
Type of mounting
With through-hole for M3 screw
Tightening torque
0.8 Nm
Mounting position
Any
Product weight
10 g
Housing material
PC
PMMA
Ready status indication
LED green
Switching status indication
LED yellow
Setting options
IO-Link®
Potentiometer
Teach-in
Setting range, lower limit
75 mm
Setting range, upper limit
1000 mm
Degree of protection
IP65
IP67
IP69K
Insulation voltage
500 V
Surge resistance
1 kV
Corrosion resistance class (CRC)
1 - Low corrosion stress
Contamination level
3
5/27/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com