Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1242H Datasheet(PDF) 1 Page - NEC

Part # UPC1242H
Description  7W AF POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1242H Datasheet(HTML) 1 Page - NEC

  UPC1242H Datasheet HTML 1Page - NEC UPC1242H Datasheet HTML 2Page - NEC UPC1242H Datasheet HTML 3Page - NEC UPC1242H Datasheet HTML 4Page - NEC UPC1242H Datasheet HTML 5Page - NEC UPC1242H Datasheet HTML 6Page - NEC UPC1242H Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - UPC1242H

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1245V NEC-UPC1245V Datasheet
931Kb / 20P
Bipolar analog intergrated circuit
UPC1246C NEC-UPC1246C Datasheet
1Mb / 10P
PREDRIVER FOR 3-PHASES DC BRUSHLESS MOTOR
UPC1246C NEC-UPC1246C Datasheet
2Mb / 12P
UPC1246C/G
UPC1246G NEC-UPC1246G Datasheet
2Mb / 12P
UPC1246C/G
More results

Similar Description - UPC1242H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
7W Audio Power Amplifier
logo
NTE Electronics
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
Integrated Circuit AF Power Amplifier, 7W
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
STK4392 SANYO-STK4392 Datasheet
67Kb / 2P
AF Power Amplifier
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Inchange Semiconductor ...
STK4122 ISC-STK4122 Datasheet
122Kb / 1P
AF Power Amplifier
STK4142 ISC-STK4142 Datasheet
123Kb / 1P
AF Power Amplifier
STK4152 ISC-STK4152 Datasheet
123Kb / 1P
AF Power Amplifier
STK4162 ISC-STK4162 Datasheet
122Kb / 1P
AF Power Amplifier
STK4172 ISC-STK4172 Datasheet
122Kb / 1P
AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com