Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2016C Datasheet(PDF) 1 Page - Efficient Power Conversion Corporation.

Part # EPC2016C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2016C Datasheet(HTML) 1 Page - Efficient Power Conversion Corporation.

  EPC2016C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2016C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
eGaN® FET DATASHEET
EPC2016C
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2021 |
| 1
EPC2016C eGaN® FETs are supplied only in
passivated die form with solder bars.
Die size: 2.1 x 1.6 mm
Applications
• High Speed DC-DC conversion
• Class-D Audio
• High Frequency Hard-Switching and
Soft-Switching Circuits
Benefits
• Ultra High Efficiency
• Ultra Low RDS(on)
• Ultra Low QG
• Ultra Small Footprint
EFFICIENT POWER CONVERSION
HAL
EPC2016C – Enhancement Mode Power Transistor
VDS , 100V
RDS(on) , 16 mΩ
ID , 18 A
G
D
S
Maximum Ratings
PARAMETER
VALUE
UNIT
VDS
Drain-to-Source Voltage (Continuous)
100
V
Drain-to-Source Voltage (up to 10,000 5 ms pulses at 150°C)
120
V
ID
Continuous (TA = 25°C, RθJA = 13.4°C/W)
18
A
Pulsed (25°C, TPULSE = 300 µs)
75
VGS
Gate-to-Source Voltage
6
V
Gate-to-Source Voltage
-4
TJ
Operating Temperature
–40 to 150
°C
TSTG Storage Temperature
–40 to 150
Thermal Characteristics
PARAMETER
TYP
UNIT
RθJC
Thermal Resistance, Junction-to-Case
2
°C/W
RθJB
Thermal Resistance, Junction-to-Board
4
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1)
69
Note 1: RθJA is determined with the device mounted on one square inch of copper pad, single layer 2 oz copper on FR4 board.
See https://epc-co.com/epc/documents/product-training/Appnote_Thermal_Performance_of_eGaN_FETs.pdf for details.
All measurements were done with substrate connected to source.
Static Characteristics (TJ = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 300 μA
100
V
IDSS
Drain-Source Leakage
VGS = 0 V, VDS = 80 V
25
150
µA
IGSS
Gate-to-Source Forward Leakage
VGS = 5 V
0.5
3
mA
Gate-to-Source Reverse Leakage
VGS = -4 V
0.15
0.25
mA
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 3 mA
0.8
1.4
2.5
V
RDS(on)
Drain-Source On Resistance
VGS = 5 V, ID = 11 A
12
16
mΩ
VSD
Source-Drain Forward Voltage
IS = 0.5 A, VGS = 0 V
1.8
V
Gallium Nitride’s exceptionally high electron mobility and low temperature coefficient allows very
low RDS(on), while its lateral device structure and majority carrier diode provide exceptionally low QG
and zero QRR. The end result is a device that can handle tasks where very high switching frequency,
and low on-time are beneficial as well as those where on-state losses dominate.


Similar Part No. - EPC2016C

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC2016C EPC-EPC2016C Datasheet
987Kb / 6P
Enhancement Mode Power Transistor
More results

Similar Description - EPC2016C

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC2019 EPC-EPC2019 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2021 EPC-EPC2021 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
logo
Efficient Power Convers...
EPC2022 EPC-CO-EPC2022 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2010C EPC-CO-EPC2010C Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2012C EPC-CO-EPC2012C Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2031 EPC-CO-EPC2031 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2033 EPC-CO-EPC2033 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2036 EPC-CO-EPC2036 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2037 EPC-CO-EPC2037 Datasheet
1Mb / 6P
Enhancement Mode Power Transistor
EPC2053 EPC-CO-EPC2053 Datasheet
968Kb / 6P
Enhancement Mode Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com