Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB20100S-M3/4W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB20100S-M3/4W
Description  High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.446 V at IF = 5 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20100S-M3/4W Datasheet(HTML) 1 Page - Vishay Siliconix

  VB20100S-M3/4W Datasheet HTML 1Page - Vishay Siliconix VB20100S-M3/4W Datasheet HTML 2Page - Vishay Siliconix VB20100S-M3/4W Datasheet HTML 3Page - Vishay Siliconix VB20100S-M3/4W Datasheet HTML 4Page - Vishay Siliconix VB20100S-M3/4W Datasheet HTML 5Page - Vishay Siliconix VB20100S-M3/4W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V20100S-M3, VF20100S-M3, VB20100S-M3, VI20100S-M3
www.vishay.com
Vishay General Semiconductor
Revision: 13-Mar-18
1
Document Number: 87648
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.446 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB, and
TO-262AA package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
V20100S-M3 and VF20100-M3 suffix meets JESD 201
class 1A whisker test
VB20100S-M3 and VI20100-M3 suffix meets JESD 201
class 2 whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
100 V
IFSM
250 A
VF at IF = 20 A
0.69 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB, TO-262AA
Diode variation
Single die
V20100S
VF20100S
VI20100S
VB20100S
PIN 1
PIN 2
PIN 3
K
1
2
3
1
K
2
3
TO-220AB
TO-263AB
NC
A
K
HEATSINK
NC
A
K
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
TO-262AA
TMBS
®
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20100S
VF20100S
VB20100S
VI20100S
UNIT
Max. repetitive peak reverse voltage
VRRM
100
V
Max. average forward rectified current (fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
250
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 60 mH
EAS
210
mJ
Peak repetitive reverse current
at tp = 2 μs, 1 kHz, TJ = 38 °C ± 2 °C
IRRM
1.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Isolation voltage (ITO-220AB only)
From terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - VB20100S-M3/4W

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
VB20100S-M3 ISC-VB20100S-M3 Datasheet
320Kb / 2P
Schotty Barrier Diode
More results

Similar Description - VB20100S-M3/4W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20100SG VISHAY-V20100SG Datasheet
160Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
19-Oct-07
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V20100S VISHAY-V20100S Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.446 V at IF = 5 A
31-Jul-08
V20120S VISHAY-V20120S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
19-May-08
V20120SG VISHAY-V20120SG Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
19-May-08
V30100S VISHAY-V30100S Datasheet
168Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
31-Jul-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
19-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Aug-13
VB30100SG-M3 VISHAY-VB30100SG-M3 Datasheet
90Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.437 V at IF = 5 A
15-May-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com