Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNB199V5APTS Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # WNB199V5APTS
Description  Ultrafast power diode - Bare die
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNB199V5APTS Datasheet(HTML) 2 Page - WeEn Semiconductors

  WNB199V5APTS Datasheet HTML 1Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 2Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 3Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 4Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 5Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 6Page - WeEn Semiconductors WNB199V5APTS Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WeEn Semiconductors
WNB199V5APTS
Ultrafast power diode - Bare die
WNB199V5APTS
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2020. All rights reserved
02 April 2020
2 / 7
5. Limiting values
Table 3. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM*
repetitive peak reverse
voltage
-
600
V
VRWM*
crest working reverse
voltage
-
600
V
VR*
reverse voltage
DC
-
600
V
IF(AV)**
average forward current δ = 0.5; square-wave pulse
-
60
A
IFRM**
repetitive peak forward
current
δ = 0.5; tp = 25 μs; square-wave pulse
-
120
A
IFSM**
non-repetitive peak
forward current
tp = 10 ms; Tj(init) = 25 °C; sine-wave pulse
-
600
A
tp = 8.3 ms; Tj(init) = 25 °C; sine-wave
pulse
-
660
A
Tstg**
storage temperature
-55
175
°C
Tj**
junction temperature
175
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com