Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18WT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18WT
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18WT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18WT Datasheet HTML 1Page - M-System Co.,Ltd. 18WT Datasheet HTML 2Page - M-System Co.,Ltd. 18WT Datasheet HTML 3Page - M-System Co.,Ltd. 18WT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 18WT
18WT SPECIFICATIONS
ES-1866 Rev.7 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Current Input
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
■ How To Determine Wattage Range
Calibration Range [W] = Measuring Wattage ÷ ((VT Ratio) ×
(CT Ratio))
Check that the required calibration range is within the
available range in the table. Specify this range when
ordering.
[example]
3-phase / 3-wire, measuring wattage 750 kW,
VT 3300/110 V, CT 250/5 A
750 × 103 [W] ÷ ((3300÷110) × (250÷5))= 0 – 500 [W]
INPUT
AVAILABLE
BURDEN (VA)
STD.RANGE
RANGE
VOLT.
CURR.
110V/1A
±100W
110V/5A
±500W
220V/1A
±200W
220V/5A
±1000W
INPUT
AVAILABLE
BURDEN (VA)
STD.RANGE
RANGE
VOLT.
CURR.
200V/1A
±200W
0.2
200V/5A
±1000W
/phase
•
3-phase / 3-wire
•
Single-phase / 2-wire
•
Single-phase / 3-wire
INPUT
AVAILABLE
BURDEN (VA)
STD.RANGE
RANGE
VOLT.
CURR.
110V/1A
±200W
±100 – ±240W
±500 – ±1200W
±200 – ±480W
±1000 – ±2400W
±50 – ±120W
±250 – ±600W
±100 – ±240W
±500 – ±1200W
±100 – ±240W
±500 – ±1200W
0.2
110V/5A
±1000W
/phase
220V/1A
±400W
0.4
220V/5A
±2000W
/phase
0.2
/phase
0.4
/phase
0.1/phase
0.5/phase
0.1/phase
0.5/phase
0.1/phase
0.5/phase
0.1/phase
0.5/phase
0.1/phase
0.5/phase
OUTPUT SPECIFICATIONS
500
1000W
0
3
OUT
5V
1
0
+1000W
-1000W
3
OUT
5V
1
■ OPERATION DIAGRAM (example)
INSTALLATION
Current consumption: Approx. 80 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 18BXx or 18KBXx
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 1 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (50/60 Hz)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to output 1 or output 2 or
power)
500 V AC @ 1 minute (output 1 to output 2 to power)
2000 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com