Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805DF Datasheet(PDF) 6 Page - International Rectifier

Part # ATR2805DF
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805DF Datasheet(HTML) 6 Page - International Rectifier

  ATR2805DF Datasheet HTML 1Page - International Rectifier ATR2805DF Datasheet HTML 2Page - International Rectifier ATR2805DF Datasheet HTML 3Page - International Rectifier ATR2805DF Datasheet HTML 4Page - International Rectifier ATR2805DF Datasheet HTML 5Page - International Rectifier ATR2805DF Datasheet HTML 6Page - International Rectifier ATR2805DF Datasheet HTML 7Page - International Rectifier ATR2805DF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
ATR28XXD Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
Assuming that there is no forced air flow, the package
temperature rise above ambient (
∆T) may be calculated
using the following expression:
where A = the effective surface area in square inhes(in-
cluding heat sink if used), P
d
= power dissipation in watts.
The total surface area of the ATR standard package is
7.34 square inches. If a worse case full load efficiency of
78% is assumed, then the case temperature rise can be
calculated as follows:
Hence, if T
AMBIENT
= +25
°C, the DC/DC converter case
temperature will be approximately 147
°C if no heat sink
or air flow is provided.
ATR28XXD Block Diagram
Application Information
Inhibit Function
Thermal Management
∆Τ = 80 A –0.7 P
d
0.85 (
°C)
(1)
W
Eff
P
P
OUT
d
5
8
1
78
1
30
1
1
.
=


−
=


−
=
and
∆Τ = 80 (7.34) –0.7 (8.5) 0.85 = 122°C
To calculate the heat sink area required to maintain a
specific case temperature rise, equation (1) may be
manipulated as follows:
PKG
d
HEATSINK
A
P
T
A
−
 ∆
=
− 43
1
85
0
80
.
.
As an example, if it is desired to limit the case tempera-
ture rise to a maximum of 50
°C above ambient, the
required effective heat sink area is:
2
43
1
85
0
1
19
34
7
5
8
80
50
in
A
HEATSINK
.
.
)
.
(
.
.
=
−
=
−
EMI Filter
An EMI filter (AFC461), available as an option, will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO3.
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to slight difference in the switching frequencies of the
converters (beat frequency noise). Because of the low fre-
quency nature of this noise (typically less than 10KHz), it is
difficult to filter out and may interfere with proper operation
of sensitive systems (communications, radar or telemetry).
The Advanced Analog ATR28xx converters provide a syn-
chronizing input permitting synchronization of multiple con-
verters to the frequency of the users system clock, thereby
minimizing this type of noise.
Device Synchronization
3
4
+ V out
Retu rn
P u ls e W idth
M odulator
Prim ary
H ous ek ee pin g
Su pp ly
EM I
F ilte r
1
2
9
10
+In put
En ab le
S y nc
In p ut
Retu rn
FB
CS
Driv e
5
-V out
8
Cas e
E rro r
A m p &
R e f
Reg ulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com