Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26TS1-7/K Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 26TS1-7/K
Description  Head-mounted Two-wire Signal Conditioners
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

26TS1-7/K Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  26TS1-7/K Datasheet HTML 1Page - M-System Co.,Ltd. 26TS1-7/K Datasheet HTML 2Page - M-System Co.,Ltd. 26TS1-7/K Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 26TS1
26TS1 SPECIFICATIONS
ES-4260 Rev.10 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
43.5 (1.71)
33 (1.30)
2–4.2 (.17) dia. MTG HOLE
7.0 (.28) dia.
SPAN ADJ.
ZERO ADJ.
25 (.98)
15.5 (.61)
5
4
3
2
1
MOUNTING REQUIREMENTS unit: mm (inch)
33 (1.30)
2–4.2 (.17) dia. MTG HOLE
M4 SCREWS
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
*Deleted with B thermocouple
*
Isolation
Low Drift
Amplifier
Burnout
Output
Driver
S
Z
+
–
T/C
*CJC SENSOR
comp. leadwire
1
3
2
+
–
Linearizer
Amplifier
Cold Junction
Compensation
+
–
LOAD
5
4
OUTPUT
24V DC
4 – 20mA DC
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com