Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2805S/ES Datasheet(PDF) 7 Page - International Rectifier

Part # ATR2805S/ES
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2805S/ES Datasheet(HTML) 7 Page - International Rectifier

  ATR2805S/ES Datasheet HTML 1Page - International Rectifier ATR2805S/ES Datasheet HTML 2Page - International Rectifier ATR2805S/ES Datasheet HTML 3Page - International Rectifier ATR2805S/ES Datasheet HTML 4Page - International Rectifier ATR2805S/ES Datasheet HTML 5Page - International Rectifier ATR2805S/ES Datasheet HTML 6Page - International Rectifier ATR2805S/ES Datasheet HTML 7Page - International Rectifier ATR2805S/ES Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
ATR28XXD Series
Pin Designation
ATR28XXD Case Outlines
Flanged
Non-Flanged
Part Numbering
2.550
1.110
0.040 D X
0.26 L P ins
4 X 0.400
=1.600
2.880
Max
2.110
Max
0.390
Max
0.050
0.800
2.110
0.390
Max
Ø 0.162
2 H oles
Pin No.
Designation
1
Positive Input
2
Inhibit Input
3
Positive Output
4
Output Return
5
Negative Output
6
N/C
7
N/C
8
Case
9
Sync.
10
Input Return
ATR 28 15 S F / CH
Model
Input Voltage
28 = 28V Nominal
Output Voltage
Single - 05, 12, 15VDC
Dual - 12 = ±12V, 15 = ±15V
Triple - 12 = 5V, ±12V
15 = 5V, ±15V
Outputs
S = Single
D = Dual
T = Triple
Screening
– , ES, HB, CH
Package Style
F = Flange
Omit for Non-flange



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com