Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3A1-R Datasheet(PDF) 21 Page - M-System Co.,Ltd.

Part # 22LA1-3A1-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3A1-R Datasheet(HTML) 21 Page - M-System Co.,Ltd.

Back Button 22LA1-3A1-R Datasheet HTML 14Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 15Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 16Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 17Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 18Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 19Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 20Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 21Page - M-System Co.,Ltd. 22LA1-3A1-R Datasheet HTML 22Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 21/22
PULSE OUTPUT MODULE
(Po 4 points)
MODEL: 22LA1–3U4–[1]
ORDERING INFORMATION
• Code number: 22LA1–3U4-[1]
Specify a code from power input options for [1]
(e.g. 22LA1-3U4-K)
INPUT SPECIFICATIONS
■ Reset input: Closing across the terminals 9 – 15 at power
startup initializes the counter values for Po 1 thr. 4.
Close for at least 5 sec. after the power start up.
Reset the input unit counter first and then that of the output
unit.
OUTPUT SPECIFICATIONS
Output: Photo MOSFET relay, 4 points
Commons: All negatives
Max. frequency: Approx. 10 kHz
Pulse width: Approx. 50 % duty ratio at the maximum
frequency
Contact rating: 125 V AC/DC @ 50 mA (resistive load)
Max. ON resistance: 50 Ω
■ Starion No.: Match the number of input and output
modules
PERFORMANCE
Output time
OFF to ON: 8 msec. per 4 points
ON to OFF: 3 msec. per 4 points
TERMINAL CONNECTION (OUTPUT)
1
2
3
4
Base Socket
15
1
2
11
5
4
3
6
9
12
10
COM(–)
Po 4
Po 3
Po 2
Po 1
Italic figures indicate LED No. on the front panel.
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com