Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3A4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 22LA1-3A4-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3A4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  22LA1-3A4-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3A4-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 2/22
Transmission speed: 125 kbps
Data encoding: SDLC
Control procedure: NRZ
Protocol: SIN-NET (M-System's)
Error check: CRC
Cable: CPEV-0.9 dia.
Transmission distance: 500 meters
INSTALLATION
Power consumption
•AC: Approx. 5 VA
•DC: 24 V or 12 V ±10 % (ripple 10 %p-p max.) approx. 4.4
W (180 mA with 24 V) with 8-point relays at the maximum
load
Operating temperature: -5 to + 50°C (23 to 122°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lbs)
PERFORMANCE
Permissible power failure duration: ≤ 10 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(I/O to transmission to reset*)
1500 V AC @ 1 minute
(power to I/O or transmission or reset*)
1500 V AC @1 minute (FG to each section)
*Reset terminals are provided only for pulse string I/O type.
DESCRIPTIONS
■ RUN Output (LED) Operation
Input unit
The LED for the Input Units (A1, A2, A4, G3, G4 and P4) turns ON when the network is on-line.
When there is an abnormality in the network, the LED turns OFF. The network is reconfigured after an abnormality.
Output unit
The LED for the Output Units (C1, C2, C7, C8, M3, M4 and U4) turns ON when the network is on-line and the unit receives data
from the corresponding Input Unit.
When there is an abnormality in the network or there is no data receiving, the LED turns OFF.
When the I/O Units are connected via the 22LS1 (DLS), once the LED turns ON, it remains ON regardless of the state of Input
Unit or the leased circuit.
When the Output Unit is connected to the DLC (for setting data from the DLC), the LED turns ON once the Output Unit receives
normal data, and remains ON even when there is no data update.
I/O Unit
The LED's operating conditions for the I/O Unit (E5 and E6) are combined ones of Input Unit and Output Unit.
Caution: When the network is reconfigured e.g. by noise interference, the RUN LED and output for all units on the network turn
briefly OFF until they are turned ON after the reconfiguration is complete.
■ Station Number (Address)
A) 1 input unit and X output units: Match the address for input and output modules. The input data can be output at several
modules.
B) I/O mixed modules: Set an even number and a consecutive number for the 2 corresponding modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com