Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22LA1-3C2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 22LA1-3C2-R
Description  Multiplex Transmission System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LA1-3C2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  22LA1-3C2-R Datasheet HTML 1Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 2Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 3Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 4Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 5Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 6Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 7Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 8Page - M-System Co.,Ltd. 22LA1-3C2-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MODEL: 22LA1
http://www.m-system.co.jp/
22LA1 SPECIFICATIONS
ES-6554 Rev.8 Page 4/22
EXTERNAL VIEW
■ 22LA1-3A1, -3C1
A
B
C
D
E
F
LINE
RT
RUN
RUN
PWR
SA1
SA2
Power Indicator LED
RUN Indicator LED
Station No. Setting
Rotary Switches
Transmission Line
Jumper (Terminator)
RUN Output Contact
•Pin Assignments
33
34
1
2
34-pin Connector
■ 22LA1-3A2, -3C2
A
B
C
D
E
F
LINE
RT
RUN
RUN
PWR
SA1
SA2
Power Indicator LED
RUN Indicator LED
Station No. Setting
Rotary Switches
Transmission Line
Jumper (Terminator)
RUN Output Contact
Modular Jack
26-pin Connector
•Pin Assignments
25
1
26
2
■ STANDARD TYPE
8
7
6
5
4
3
2
1
A
B
C
D
E
F
LINE
RT
RUN
RUN
PWR
SA1
SA2
Power Indicator LED
RUN Indicator LED
Station No. Setting
Rotary Switches
Transmission Line
Jumper (Terminator)
RUN Output Contact
Contact I/O
Indicator LED*
*Deleted with analog I/O modules.
LED5 through 8 deleted with the 22LA1-3P4 or -3U4.
Modular Jack
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
■ 22LA1-3A1, -3C1
12
5
6
14
11
1
10
15
4
3
2
7
9
8
50 (1.97)
72 (2.83)
[3.3 (.13)]
60 (2.36)
72 (2.83)
•When mounting, no extra space is needed between units.
103 (4.06)
132 (5.20)
38 (1.50)
14
(.55)
7.8 (.31)
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
CLAMP
(top & bottom)
DIN RAIL
35mm wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com