Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS05S40 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CUS05S40
Description  Schottky Barrier Diode Silicon Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS05S40 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CUS05S40 Datasheet HTML 1Page - Toshiba Semiconductor CUS05S40 Datasheet HTML 2Page - Toshiba Semiconductor CUS05S40 Datasheet HTML 3Page - Toshiba Semiconductor CUS05S40 Datasheet HTML 4Page - Toshiba Semiconductor CUS05S40 Datasheet HTML 5Page - Toshiba Semiconductor CUS05S40 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CUS05S40
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Average rectified current
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Symbol
VRM
IO
IFSM
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
40
500
5
125
-55 to 125
Unit
V
mA
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on an FR4 board.
(25.4 mm × 25.4 mm × 1.6 mm, Cu Pad: 645 mm2)
Note 2: Measured with a 10 ms pulse.
5.
5.
5.
5. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Symbol
VF(1)
VF(2)
IR(1)
IR(2)
Ct
Test Condition
IF = 100 mA (Pulse test)
IF = 500 mA (Pulse test)
VR = 10 V (Pulse test)
VR = 40 V (Pulse test)
VR = 0 V, f = 1 MHz
Min
Typ.
0.31
0.56
42
Max
0.35
0.60
30
50
Unit
V
µA
pF
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Marking Code
7A
Part Number
CUS05S40
2014-04-07
Rev.2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com