Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4R-PID Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # 4R-PID
Description  Photoionization PID Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

4R-PID Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  4R-PID Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. 4R-PID Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. 4R-PID Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. 4R-PID Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. 4R-PID Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd.
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading sensing solution supplier in China!
Technical Parameters
Signal Output
Detection Range
(
ppm)
10ppm
20ppm
40ppm
100ppm
300ppm
1000ppm
2000ppm
6000ppm
10000 ppm
Resolution
1ppb
5ppb
10ppb
25ppb
75ppb
250ppb
500ppb
500ppb
2ppm
Sensitivity
(
mv/ppm)
>40
>20
>10
>5
>3
>1
>0.3
>0.1
>0.1
Target Gas
VOC,Energy≤10.6eV Volatile Gases
Working Voltage
3~5 V
Zero Voltage
U0>20 mV
Output Voltage
0.02~2V (Up to3.3 V)
Response Time
(
T90)
≤5 S
Working Tem
-40~60 ℃
Accuracy
≤±2% (No Condensation)
Humidity
0~99% (No Condensation)
Working Pressure
800~1200 mbar
Storage Tem
0~25℃
Warranty
12 Months
Linear



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com