Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME2-O2-D20 Datasheet(PDF) 2 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ME2-O2-D20
Description  Electrochemical Oxygen Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ME2-O2-D20 Datasheet(HTML) 2 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ME2-O2-D20 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME2-O2-D20 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME2-O2-D20 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME2-O2-D20 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China
ME2-O2-Ф20 Oxygen Sensor
ME2-O2-
Ф20 electrochemical sensor detect gas concentration by measuring current based on the
electrochemical principle, which utilizes the electrochemical oxidation process of target gas on the
working electrode inside the electrolytic cell, the current produced in electrochemical reaction of the
target gas are in direct proportion with its concentration while following Faraday law, then concentration
of the gas could be get by measuring value of current.
1. Features
* Low consumption
* High precision
* High sensitivity
* Wide linear range
* Good anti-interference ability
* Excellent repeatability and stability
2. Application
Detecting O2 in mine, industry and environmental protection field.
3. Technical Parameter
4. External dimension
Item
Parameter
Detection gas
O2
Measurement Range
0~25%Vol
Max detecting
concentration
30%Vol
Sensitivity
(0.1~0.3)mA (In air)
Response time(T90)
≤15S
Load resistance
(recommended)
10k
Ω
Repeatability
<2﹪output value
Stability(/month)
<2﹪
Zero drift(-20℃ ~40℃ )
≤0.1%vol
Storage temperature
-20℃ ~50℃
Storage Humidity
0﹪~99﹪RH
Pressure range
normal atmosphere±10%
Anticipated using life
2 years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com