Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME4-H2 Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ME4-H2
Description  Hydrogen Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ME4-H2 Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ME4-H2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Basic Circuit
Fig2: ME4-H2 test circuit
Description of sensor characters
Fig3.Responce and Resume
Fig4.Linearity
Fig5.Output of sensor at different temperature
Fig6.Zero output of sensor at different temperature
0
2
4
6
8
10
12
0
200
400
600
800
1000
Concentration/ppm
0
1
2
3
4
5
6
0
100
200
300
Time/s
0%
30%
60%
90%
120%
150%
180%
-40
-20
0
20
40
60
Temperature/℃
0
5
10
15
20
25
-40
-20
0
20
40
60
Temperature/℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com