Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT125DMQR Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT125DMQR
Description  Quad Buffer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT125DMQR Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74ACT125DMQR Datasheet HTML 1Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 2Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 3Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 4Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 5Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 6Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 7Page - National Semiconductor (TI) 74ACT125DMQR Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
’ACT
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74ACACT
b
40 Cto a85 C
54ACACT
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’AC Devices
VIN from 30% to 70% of VCC
VCC
33V 45V 55V
125 mVns
Minimum Input Edge Rate (DV Dt)
’ACT Devices
VIN from 08V to 20V
VCC
45V 55V
125 mVns
DC Characteristics for ’AC Family Devices
74AC
54AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
21
VOUT e 01V
Input Voltage
45
225
315
315
315
V
or VCC b 01V
55
275
385
385
385
VIL
Maximum Low Level
30
15
09
09
09
VOUT e 01V
Input Voltage
45
225
135
135
135
V
or VCC b 01V
55
275
165
165
165
VOH
Minimum High Level
30
299
29
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
44
V
55
549
54
54
54
VIN e VIL or VIH
30
256
24
246
b
12 mA
45
386
37
376
V
IOH
b
24 mA
55
486
47
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
01
V
55
0001
01
01
01
VIN e VIL or VIH
30
036
050
044
12 mA
45
036
050
044
V
IOL
24 mA
55
036
050
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
VI e VCC GND
Leakage Current
All outputs loaded thresholds on input associated with output under test
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com