Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIC007F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIC007F
Description  Inductive Couplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIC007F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIC007F Datasheet HTML 1Page - Balluff Korea Ltd. BIC007F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Couplers
BIC 1B0-IT1A7-Q40KFU-SM4A4A
Order Code: BIC007F
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 255517
ETIM 6.0: EC002714
BIC007F_0.8_2021-04-29
2 / 2
Material
Housing material
PBTP
Material sensing surface
PBTP
Mechanical data
Dimension
40 x 40 x 62 mm
Frame type
Device dependent
Installation
non-flush
Offset
±5 mm
Tightening torque max.
40 Nm
Tightening torque pigtail
0.6 Nm
Weight
150 g
Output/Interface
Additive cycle time
Device + 2.8 ms
IO-Link version
1.1
Interface
IO-Link 1.1
Process data IN
0…32 bytes
Process data OUT
0…32 bytes
Process data cycle min.
2.8 ms
SIO mode
no
Transfer rate
COM2 (38.4 kBaud)
COM3 (230.4 kBaud)
Range/Distance
Range
0...5 mm
Transmission distance
0...5 mm
Remarks
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
IO-Link
PIN 1: +24V
PIN 2: In-/Output
PIN 3: GND
PIN 4: C/Q, IO-Link DC-Channel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com